Part Number Hot Search : 
T101P3H9 ILE4268 WCB44 AP02N60I BD9701FP NTE1487 7N60B AD115
Product Description
Full Text Search
 

To Download PG203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2.0 amp silicon rectifiers m a x i m u m r atings and electrical characteristics rating 25 c ambient temperature uniess otherwies specified. s ingle phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number m aximum recurrent peak reverse voltage m aximum rms voltage m aximum dc blocking voltage m aximum average forward rectified current .375"(9.5mm) lead length at ta=75 c features m e chanical data p eak forward surge current, 8.3 ms single half sine-wave s uperimposed on rated load (jedec method) m aximum instantaneous forward voltage at 2.0a m aximum dc reverse current ta=25 c at rated dc blocking voltage ta=100 c typical junction capacitance (note 1) p g 201 p g 202 p g 203 p g 204 pg 20 6 p g 20 8 pg 2 10 units 50 100 200 400 600 800 1000 v 50 100 200 400 600 800 1000 v 35 70 140 280 420 560 700 2.0 70 5.0 50 20 - 65 +150 v a a v m a m a pf notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. 2. thermal resistance from junction to ambient .375" (9.5mm) lead length. * low forward voltage drop * high current capability * high reliability * high surge current capability * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: axial leads, solderable per mil-std-202, method 208 guranteed * polarity: color band denotes cathode end * mounting position: any weight: 0.40 grams 1.0 typical thermal resistance r j a (note 2) q 40 * v oltage range 50 to 1000 volts current 2.0 amperes dimensions in inches and (millimeters) do-15 1.0(25.4) min. 1.0(25.4) min. .300(7.6) .230(5.8) .0 31 (. 8 ) .02 4 (. 6 ) dia. .140(3.6) .104(2.6) dia. operating and storage temperature range t , t j s tg c c/w 120 * both normal and pb free product are available: * normal:80~95%sn,5~20%pb * pb free:99 sn above can meet rohs enviroment substance directive request p g 20 1 thru p g 210
.1 1.0 10 100 r a ting a nd characteristic cu r v e s ( pg 201 thru pg 2 10 ) fig.3 - typical reverse characteristics reverse leakage current, ( a ) m 0 20 40 60 80 100 120 140 .01 fig.2-typical forward current derating curve average forward current,(a) tj=100 c tj=25 c 0.4 0 0.8 1.2 1.6 2.0 2.4 s ingle phase half wave 60hz resistive or inductive load 0.375"(9.5mm) lead length 0.1 1.0 .01 10 50 characteristics instantaneous forward current,(a) forward voltage,(v) p ulse width 300us 1% duty cycle .6 .7 .8 .9 1.0 1.1 1.2 1.3 3.0 tj=25 c fig.5-typical junction capacitance reverse voltage,(v) j unction capacitance,(pf) 70 60 50 40 30 20 10 0 .01 .05 .1 .5 1 5 10 50 100 fig.4-maximum non-repetitive forward surge current 20 0 40 60 80 100 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half s ine wave jedec method 0 20 40 60 80 100 120 140 160 180 200 forward voltage,(v) fig.1-typical forward a mbient temperature,( c) p e a k forward surge current,(a) p ercent of rated peak reverse voltage,(%) 121


▲Up To Search▲   

 
Price & Availability of PG203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X